Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 457Page - Renesas Technology Corp H8/3003 Datasheet HTML 458Page - Renesas Technology Corp H8/3003 Datasheet HTML 459Page - Renesas Technology Corp H8/3003 Datasheet HTML 460Page - Renesas Technology Corp H8/3003 Datasheet HTML 461Page - Renesas Technology Corp H8/3003 Datasheet HTML 462Page - Renesas Technology Corp H8/3003 Datasheet HTML 463Page - Renesas Technology Corp H8/3003 Datasheet HTML 464Page - Renesas Technology Corp H8/3003 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 715 page
background image
Table 13-3 Examples of Bit Rates and BRR Settings in Asynchronous Mode (cont)
ø (MHz)
6
6.144
7.3728
8
Bit Rate
Error
Error
Error
Error
(bits/s)
n
N
(%)
n
N
(%)
n
N
(%)
n
N
(%)
110
2
106
–0.44
2
108
0.08
2
130
–0.07
2
141
0.03
150
2
77
0.16
2
79
0
2
95
0
2
103
0.16
300
1
155
0.16
1
159
0
1
191
0
1
207
0.16
600
1
77
0.16
1
79
0
1
95
0
1
103
0.16
1200
0
155
0.16
0
159
0
0
191
0
0
207
0.16
2400
0
77
0.16
0
79
0
0
95
0
0
103
0.16
4800
0
38
0.16
0
39
0
0
47
0
0
51
0.16
9600
0
19
–2.34
0
19
0
0
23
0
0
25
0.16
19200
0
9
–2.34
0
9
0
0
11
0
0
12
0.16
31250
0
5
0
0
5
2.40
0
6
5.33
0
7
0
38400
0
4
–2.34
0
4
0
0
5
0
0
6
–6.99
ø (MHz)
9.8304
10
12
12.288
Bit Rate
Error
Error
Error
Error
(bits/s)
n
N
(%)
n
N
(%)
n
N
(%)
n
N
(%)
110
2
174
–0.26
2
177
–0.25
2
212
0.03
2
217
0.08
150
2
127
0
2
129
0.16
2
155
0.16
2
159
0
300
1
255
0
2
64
0.16
2
77
0.16
2
79
0
600
1
127
0
1
129
0.16
1
155
0.16
1
159
0
1200
0
255
0
1
64
0.16
1
77
0.16
1
79
0
2400
0
127
0
0
129
0.16
0
155
0.16
0
159
0
4800
0
63
0
0
64
0.16
0
77
0.16
0
79
0
9600
0
31
0
0
32
–1.36
0
38
0.16
0
39
0
19200
0
15
0
0
15
1.73
0
19
–2.34
0
19
0
31250
0
9
–1.70
0
9
0
0
11
0
0
11
2.40
38400
0
7
0
0
7
1.73
0
9
–2.34
0
9
0
443



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com