Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 459Page - Renesas Technology Corp H8/3003 Datasheet HTML 460Page - Renesas Technology Corp H8/3003 Datasheet HTML 461Page - Renesas Technology Corp H8/3003 Datasheet HTML 462Page - Renesas Technology Corp H8/3003 Datasheet HTML 463Page - Renesas Technology Corp H8/3003 Datasheet HTML 464Page - Renesas Technology Corp H8/3003 Datasheet HTML 465Page - Renesas Technology Corp H8/3003 Datasheet HTML 466Page - Renesas Technology Corp H8/3003 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 715 page
background image
Table 13-4 Examples of Bit Rates and BRR Settings in Synchronous Mode
ø (MHz)
24
8
10
16
nN
nN
nN
nN
nN
110
3
70
—
——
——
——
—
250
2
124
2
249
3
124
—
—
3
249
500
1
249
2
124
2
249
—
—
3
124
1 k
1
124
1
249
2
124
—
—
2
249
2.5 k
0
199
1
99
1
199
1
249
2
99
5 k
0
99
0
199
1
99
1
124
1
199
10 k
0
49
0
99
0
199
0
249
1
99
25 k
0
19
0
39
0
79
0
99
0
159
50 k
0
9
0
19
0
39
0
49
0
79
100 k
0
4
0
9
0
19
0
24
0
39
250 k
0
1
0
3
0
7
0
9
0
15
500 k
0
0*
01
03
04
07
1 M
0
0*
01
—
—
03
2 M
0
0*
——
0
1
2.5 M
—
—
0
0*
——
4 M
0
0*
Note: Settings with an error of 1% or less are recommended.
Legend
Blank: No setting available
—:
Setting possible, but error occurs
*:
Continuous transmit/receive not possible
The BRR setting is calculated as follows:
Asynchronous mode:
N =
× 106 – 1
Synchronous mode:
N =
× 106 – 1
B: Bit rate (bits/s)
N: BRR setting for baud rate generator (0
≤ N ≤ 255)
ø: System clock frequency (MHz)
n: Baud rate generator clock source (n = 0, 1, 2, 3)
(For the clock sources and values of n, see the table below.)
Bit Rate
(bits/s)
ø
64
× 22n–1 × B
ø
8
× 22n–1 × B
445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com