Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 477Page - Renesas Technology Corp H8/3003 Datasheet HTML 478Page - Renesas Technology Corp H8/3003 Datasheet HTML 479Page - Renesas Technology Corp H8/3003 Datasheet HTML 480Page - Renesas Technology Corp H8/3003 Datasheet HTML 481Page - Renesas Technology Corp H8/3003 Datasheet HTML 482Page - Renesas Technology Corp H8/3003 Datasheet HTML 483Page - Renesas Technology Corp H8/3003 Datasheet HTML 484Page - Renesas Technology Corp H8/3003 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 715 page
background image
Transmitting and Receiving Data
Transmitting Multiprocessor Serial Data: Figure 13-10 shows a sample flowchart for
transmitting multiprocessor serial data and indicates the procedure to follow.
Figure 13-10 Sample Flowchart for Transmitting Multiprocessor Serial Data
No
No
No
No
Yes
Yes
Yes
Yes
Initialize
Start transmitting
Read TDRE flag in SSR
TDRE = 1?
Write transmit data in
TDR and set MPBT bit in SSR
Clear TDRE flag to 0
All data transmitted?
Read TEND flag in SSR
TEND = 1?
1
2
3
4
1.
2.
3.
4.
SCI initialization: the transmit data
output function of the TxD pin is
selected automatically.
SCI status check and transmit data
write: read SSR, check that the TDRE
flag is 1, then write transmit
data in TDR. Also set the MPBT flag to
0 or 1 in SSR. Finally, clear the TDRE
flag to 0.
To continue transmitting serial data:
after checking that the TDRE flag is 1,
indicating that data can be
written, write data in TDR, then clear
the TDRE flag to 0. When the DMAC
is activated by a transmit-data-empty
interrupt request (TXI) to write data in
TDR, the TDRE flag is checked and
cleared automatically.
To output a break signal at the end of
serial transmission: set the DDR bit to
1 and clear the DR bit to 0 (DDR and
DR are I/O port registers), then clear
the TE bit to 0 in SCR.
Output break signal?
Clear DR bit to 0, set DDR bit to 1
Clear TE bit to 0 in SCR
End
463



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com