Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 478Page - Renesas Technology Corp H8/3003 Datasheet HTML 479Page - Renesas Technology Corp H8/3003 Datasheet HTML 480Page - Renesas Technology Corp H8/3003 Datasheet HTML 481Page - Renesas Technology Corp H8/3003 Datasheet HTML 482Page - Renesas Technology Corp H8/3003 Datasheet HTML 483Page - Renesas Technology Corp H8/3003 Datasheet HTML 484Page - Renesas Technology Corp H8/3003 Datasheet HTML 485Page - Renesas Technology Corp H8/3003 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 715 page
background image
In transmitting serial data, the SCI operates as follows.
•
The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0 the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
•
After loading the data from TDR into TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit in SCR is set to 1, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
— Start bit:
One 0 bit is output.
— Transmit data:
7 or 8 bits are output, LSB first.
— Multiprocessor bit: One multiprocessor bit (MPBT value) is output.
— Stop bit:
One or two 1 bits (stop bits) are output.
— Mark state:
Output of 1 bits continues until the start bit of the next transmit data.
•
The SCI checks the TDRE flag when it outputs the stop bit. If the TDRE flag is 0, the SCI
loads data from TDR into TSR, outputs the stop bit, then begins serial transmission of the
next frame. If the TDRE flag is 1, the SCI sets the TEND flag in SSR to 1, outputs the stop
bit, then continues output of 1 bits in the mark state. If the TEIE bit is set to 1 in SCR, a
transmit-end interrupt (TEI) is requested at this time.
Figure 13-11 shows an example of SCI transmit operation using a multiprocessor format.
Figure 13-11 Example of SCI Transmit Operation (8-Bit Data with Multiprocessor Bit and
One Stop Bit)
1
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Multi-
processor
bit
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
1
Idle (mark)
state
TDRE
TEND
TXI
request
TXI interrupt handler
writes data in TDR and
clears TDRE flag to 0
TXI
request
1 frame
TEI request
Serial
data
Multi-
processor
bit
464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com