Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 512Page - Renesas Technology Corp H8/3003 Datasheet HTML 513Page - Renesas Technology Corp H8/3003 Datasheet HTML 514Page - Renesas Technology Corp H8/3003 Datasheet HTML 515Page - Renesas Technology Corp H8/3003 Datasheet HTML 516Page - Renesas Technology Corp H8/3003 Datasheet HTML 517Page - Renesas Technology Corp H8/3003 Datasheet HTML 518Page - Renesas Technology Corp H8/3003 Datasheet HTML 519Page - Renesas Technology Corp H8/3003 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 715 page
background image
Table 14-4 A/D Conversion Time (Single Mode)
CKS = 0
CKS = 1
Symbol
Min
Typ
Max
Min
Typ
Max
Synchronization delay
tD
10
—17
6
—9
Input sampling time
tSPL
—80
——40
—
A/D conversion time
tCONV
259
—
266
131
—
134
Note: Values in the table are numbers of states.
14.4.4 External Trigger Input Timing
A/D conversion can be externally triggered. When the TRGE bit is set to 1 in ADCR, external
trigger input is enabled at the
ADTRG pin. A high-to-low transition at the ADTRG pin sets the
ADST bit to 1 in ADCSR, starting A/D conversion. Other operations, in both single and scan
modes, are the same as if the ADST bit had been set to 1 by software. Figure 14-6 shows the
timing.
Figure 14-6 External Trigger Input Timing
ø
ADTRG
Internal trigger
signal
ADST
A/D conversion
498



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com