Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 515Page - Renesas Technology Corp H8/3003 Datasheet HTML 516Page - Renesas Technology Corp H8/3003 Datasheet HTML 517Page - Renesas Technology Corp H8/3003 Datasheet HTML 518Page - Renesas Technology Corp H8/3003 Datasheet HTML 519Page - Renesas Technology Corp H8/3003 Datasheet HTML 520Page - Renesas Technology Corp H8/3003 Datasheet HTML 521Page - Renesas Technology Corp H8/3003 Datasheet HTML 522Page - Renesas Technology Corp H8/3003 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 715 page
background image
Section 15 RAM
15.1 Overview
The H8/3003 has 512 bytes of on-chip static RAM. The RAM is connected to the CPU by a 16-bit
data bus. The CPU accesses both byte data and word data in two states, making the RAM suitable
for rapid data transfer.
The on-chip RAM is assigned to addresses H'FFD10 to H'FFF0F in modes 1 and 2, and addresses
H'FFFD10 to H'FFFF0F in modes 3 and 4. The RAM enable bit (RAME) in the system control
register (SYSCR) can enable or disable the on-chip RAM.
15.1.1 Block Diagram
Figure 15-1 shows a block diagram of the on-chip RAM.
Figure 15-1 RAM Block Diagram
H'FD10
H'FD12
*
H'FF0E*
H'FD11
H'FD13
*
*
H'FF0F*
On-chip data bus (upper 8 bits)
On-chip data bus (lower 8 bits)
Bus interface
On-chip RAM
Even addresses
Odd addresses
Note:
Lower 16 bits of the address
*
501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com