Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 614Page - Renesas Technology Corp H8/3003 Datasheet HTML 615Page - Renesas Technology Corp H8/3003 Datasheet HTML 616Page - Renesas Technology Corp H8/3003 Datasheet HTML 617Page - Renesas Technology Corp H8/3003 Datasheet HTML 618Page - Renesas Technology Corp H8/3003 Datasheet HTML 619Page - Renesas Technology Corp H8/3003 Datasheet HTML 620Page - Renesas Technology Corp H8/3003 Datasheet HTML 621Page - Renesas Technology Corp H8/3003 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 715 page
background image
DTCR0B—Data Transfer Control Register 0B
H'2F
DMAC0
•
Full address mode
Bit
Initial value
Read/Write
7
DTME
0
R/W
6
—
0
R/W
5
DAID
0
R/W
4
DAIDE
0
R/W
3
TMS
0
R/W
0
DTS0B
0
R/W
2
DTS2B
0
R/W
1
DTS1B
0
R/W
Data transfer master enable
0
Data transfer is disabled
1
Data transfer is enabled
Destination address increment/decrement
Increment/Decrement Enable
MARB is held fixed
MARB is held fixed
Decremented:
0
1
0
1
0
1
DAID
Bit 5
DAIDE
Bit 4
Incremented:
Transfer mode select
0
Destination is the block area in block transfer mode
1
Source is the block area in block transfer mode
Data transfer select 2B to 0B
DTS2B
0
1
Normal Mode
Auto-request
(burst mode)
Not available
Auto-request
(cycle-steal mode)
Not available
Not available
Not available
Falling edge of
Bit 2
DTS1B
0
1
0
1
Bit 1
DTS0B
0
1
0
1
0
1
Bit 0
0
Low level input at
1
Data Transfer Activation Source
Block Transfer Mode
Compare match/input capture
A from ITU channel 0
Compare match/input capture
A from ITU channel 1
Compare match/input capture
A from ITU channel 2
Compare match/input capture
A from ITU channel 3
Not available
Not available
Falling edge of
Not available
DREQ
DREQ
DREQ
If DTSZ = 0, MARB is incremented by 1 after each transfer
If DTSZ = 1, MARB is incremented by 2 after each transfer
If DTSZ = 0, MARB is decremented by 1 after each transfer
If DTSZ = 1, MARB is decremented by 2 after each transfer
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com