Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 621 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 621 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 617Page - Renesas Technology Corp H8/3003 Datasheet HTML 618Page - Renesas Technology Corp H8/3003 Datasheet HTML 619Page - Renesas Technology Corp H8/3003 Datasheet HTML 620Page - Renesas Technology Corp H8/3003 Datasheet HTML 621Page - Renesas Technology Corp H8/3003 Datasheet HTML 622Page - Renesas Technology Corp H8/3003 Datasheet HTML 623Page - Renesas Technology Corp H8/3003 Datasheet HTML 624Page - Renesas Technology Corp H8/3003 Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 715 page
background image
DTCR1A—Data Transfer Control Register 1A
H'37
DMAC1
•
Short address mode
•
Full address mode
MAR1B R/E/H/L—Memory Address Register 1B R/E/H/L
H'38, H'39,
DMAC1
H'3A, H'3B
Bit
Initial value
Read/Write
7
DTE
0
R/W
6
DTSZ
0
R/W
5
DTID
0
R/W
4
RPE
0
R/W
3
DTIE
0
R/W
0
DTS0
0
R/W
2
DTS2
0
R/W
1
DTS1
0
R/W
Bit
Initial value
Read/Write
7
DTE
0
R/W
6
DTSZ
0
R/W
5
SAID
0
R/W
4
SAIDE
0
R/W
3
DTIE
0
R/W
0
DTS0A
0
R/W
2
DTS2A
0
R/W
1
DTS1A
0
R/W
Note: Bit functions are the same as for DMAC0.
Bit
Initial value
Read/Write
30
1
—
28
1
—
26
1
—
24
1
—
22
R/W
16
R/W
20
R/W
18
R/W
31
1
—
29
1
—
27
1
—
25
1
—
23
R/W
17
R/W
21
R/W
19
R/W
MAR1BR
MAR1BE
Bit
Initial value
Read/Write
14
R/W
12
R/W
10
R/W
8
R/W
6
R/W
0
R/W
4
R/W
2
R/W
15
R/W
13
R/W
11
R/W
9
R/W
7
R/W
1
R/W
5
R/W
3
R/W
MAR1BH
MAR1BL
Undetermined
Undetermined
Undetermined
Note: Bit functions are the same as for DMAC0.
603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com