Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 630Page - Renesas Technology Corp H8/3003 Datasheet HTML 631Page - Renesas Technology Corp H8/3003 Datasheet HTML 632Page - Renesas Technology Corp H8/3003 Datasheet HTML 633Page - Renesas Technology Corp H8/3003 Datasheet HTML 634Page - Renesas Technology Corp H8/3003 Datasheet HTML 635Page - Renesas Technology Corp H8/3003 Datasheet HTML 636Page - Renesas Technology Corp H8/3003 Datasheet HTML 637Page - Renesas Technology Corp H8/3003 Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 715 page
background image
TMDR—Timer Mode Register
H'62
ITU (all channels)
Bit
Initial value
Read/Write
7
—
1
—
6
MDF
0
R/W
5
FDIR
0
R/W
4
PWM4
0
R/W
3
PWM3
0
R/W
0
PWM0
0
R/W
2
PWM2
0
R/W
1
PWM1
0
R/W
PWM mode 0
0
Channel 0 operates normally
1
Channel 0 operates in PWM mode
PWM mode 3
0
Channel 3 operates normally
1
Channel 3 operates in PWM mode
PWM mode 1
0
Channel 1 operates normally
1
Channel 1 operates in PWM mode
PWM mode 2
0
Channel 2 operates normally
1
Channel 2 operates in PWM mode
PWM mode 4
0
Channel 4 operates normally
1
Channel 4 operates in PWM mode
Flag direction
0
OVF is set to 1 in TSR2 when TCNT2 overflows or underflows
1
OVF is set to 1 in TSR2 when TCNT2 overflows
Phase counting mode flag
0
Channel 2 operates normally
1
Channel 2 operates in phase counting mode
616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com