Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 637 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 637 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 633Page - Renesas Technology Corp H8/3003 Datasheet HTML 634Page - Renesas Technology Corp H8/3003 Datasheet HTML 635Page - Renesas Technology Corp H8/3003 Datasheet HTML 636Page - Renesas Technology Corp H8/3003 Datasheet HTML 637Page - Renesas Technology Corp H8/3003 Datasheet HTML 638Page - Renesas Technology Corp H8/3003 Datasheet HTML 639Page - Renesas Technology Corp H8/3003 Datasheet HTML 640Page - Renesas Technology Corp H8/3003 Datasheet HTML 641Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 715 page
background image
TIOR0—Timer I/O Control Register 0
H'65
ITU0
Bit
Initial value
Read/Write
7
—
1
—
6
IOB2
0
R/W
5
IOB1
0
R/W
4
IOB0
0
R/W
3
—
1
—
0
IOA0
0
R/W
2
IOA2
0
R/W
1
IOA1
0
R/W
I/O control A2 to A0
IOA2
1
GRA Function
GRA is an output
compare register
GRA is an input
capture register
IOA1
0
1
0
1
Bit 1
IOA0
0
1
0
1
0
1
Bit 0
0
1
0
Bit 2
No output at compare match
0 output at GRA compare match
1 output at GRA compare match
Output toggles at GRA compare match
GRA captures rising edge of input
GRA captures falling edge of input
GRA captures both edges of input
I/O control B2 to B0
IOB2
1
GRB Function
GRB is an output
compare register
GRB is an input
capture register
IOB1
0
1
0
1
Bit 5
IOB0
0
1
0
1
0
1
Bit 4
0
1
0
Bit 6
No output at compare match
0 output at GRB compare match
1 output at GRB compare match
Output toggles at GRB compare match
GRB captures rising edge of input
GRB captures falling edge of input
GRB captures both edges of input
619



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com