Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 659 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 659 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 655Page - Renesas Technology Corp H8/3003 Datasheet HTML 656Page - Renesas Technology Corp H8/3003 Datasheet HTML 657Page - Renesas Technology Corp H8/3003 Datasheet HTML 658Page - Renesas Technology Corp H8/3003 Datasheet HTML 659Page - Renesas Technology Corp H8/3003 Datasheet HTML 660Page - Renesas Technology Corp H8/3003 Datasheet HTML 661Page - Renesas Technology Corp H8/3003 Datasheet HTML 662Page - Renesas Technology Corp H8/3003 Datasheet HTML 663Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 659 / 715 page
background image
RFSHCR—Refresh Control Register
H'AC
Refresh controller
Bit
Initial value
Read/Write
7
SRFMD
0
R/W
6
PSRAME
0
R/W
5
DRAME
0
R/W
4
CAS/
0
R/W
3
M9/
0
R/W
0
RCYCE
0
R/W
2
RFSHE
0
R/W
1
—
1
—
Self-refresh mode
0
DRAM or PSRAM self-refresh is disabled in software standby mode
1
DRAM or PSRAM self-refresh is enabled in software standby mode
Refresh cycle enable
Refresh pin enable
PSRAM enable, DRAM enable
0
Refresh cycles are disabled
1
Refresh cycles are enabled for area 3
Address multiplex mode select
0
8-bit column address mode
1
9-bit column address mode
WE
M8
Strobe mode select
0
1
0
2
mode
1
2
mode
Can be used as an interval timer
PSRAM can be connected
Illegal setting
Bit 6
0
1
Bit 5
0
0
1
RAM Interface
PSRAME DRAME
DRAM can be connected
1
Refresh signal output at the
pin is disabled
Refresh signal output at the
pin is enabled
RFSH
RFSH
WE
CAS
641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com