Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 660 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 660 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 656Page - Renesas Technology Corp H8/3003 Datasheet HTML 657Page - Renesas Technology Corp H8/3003 Datasheet HTML 658Page - Renesas Technology Corp H8/3003 Datasheet HTML 659Page - Renesas Technology Corp H8/3003 Datasheet HTML 660Page - Renesas Technology Corp H8/3003 Datasheet HTML 661Page - Renesas Technology Corp H8/3003 Datasheet HTML 662Page - Renesas Technology Corp H8/3003 Datasheet HTML 663Page - Renesas Technology Corp H8/3003 Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 715 page
background image
RTMCSR—Refresh Timer Control/Status Register
H'AD
Refresh controller
Bit
Initial value
Read/Write
7
CMF
0
R/(W)
6
CMIE
0
R/W
5
CKS2
0
R/W
4
CKS1
0
R/W
3
CKS0
0
R/W
0
—
1
—
2
—
1
—
1
—
1
—
Compare match flag
Compare match interrupt enable
0
[Clearing condition]
Read CMF when CMF = 1, then write 0 in CMF
1
[Setting condition]
RTCNT = RTCOR
Note:
Only 0 can be written, to clear the flag.
*
0
The CMI interrupt requested by CMF is disabled
1
The CMI interrupt requested by CMF is enabled
Clock select 2 to 0
CKS2
Counter Clock Source
CKS1
Bit 4
CKS0
Bit 3
Bit 5
0
1
Clock input is disabled
ø/2
ø/8
ø/32
ø/128
ø/512
ø/2048
0
1
0
1
0
1
0
1
0
1
0
ø/4096
1
*
642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com