Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 660Page - Renesas Technology Corp H8/3003 Datasheet HTML 661Page - Renesas Technology Corp H8/3003 Datasheet HTML 662Page - Renesas Technology Corp H8/3003 Datasheet HTML 663Page - Renesas Technology Corp H8/3003 Datasheet HTML 664Page - Renesas Technology Corp H8/3003 Datasheet HTML 665Page - Renesas Technology Corp H8/3003 Datasheet HTML 666Page - Renesas Technology Corp H8/3003 Datasheet HTML 667Page - Renesas Technology Corp H8/3003 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 715 page
background image
SCR—Serial Control Register
H'B2
SCI0
Bit
Initial value
Read/Write
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
Transmit interrupt enable
0
Transmit-data-empty interrupt request (TXI) is disabled
1
Transmit-data-empty interrupt request (TXI) is enabled
Receive interrupt enable
0
Receive-end (RXI) and receive-error (ERI) interrupt requests are disabled
1
Receive-end (RXI) and receive-error (ERI) interrupt requests are enabled
Transmit enable
Clock enable 1 and 0
CKE1
Multiprocessor interrupt enable
0
1
Clock Selection and Output
Asynchronous mode
Synchronous mode
Asynchronous mode
Synchronous mode
Asynchronous mode
Synchronous mode
Asynchronous mode
Bit 1
CKE0
0
1
0
1
Bit 0
Receive enable
Synchronous mode
0
Multiprocessor interrupts are disabled (normal receive operation)
1
Multiprocessor interrupts are enabled
0
Transmitting is disabled
1
Transmitting is enabled
Transmit-end interrupt enable
0
Transmitting is disabled
1
Transmitting is enabled
0
Transmit-end interrupt requests (TEI) are disabled
1
Transmit-end interrupt requests (TEI) are enabled
Internal clock, SCK pin available for generic input
output
Internal clock, SCK pin used for serial clock output
Internal clock, SCK pin used for clock output
Internal clock, SCK pin used for serial clock output
External clock, SCK pin used for clock input
External clock, SCK pin used for serial clock input
External clock, SCK pin used for clock input
External clock, SCK pin used for serial clock input
646



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com