Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 669 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 669 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 665Page - Renesas Technology Corp H8/3003 Datasheet HTML 666Page - Renesas Technology Corp H8/3003 Datasheet HTML 667Page - Renesas Technology Corp H8/3003 Datasheet HTML 668Page - Renesas Technology Corp H8/3003 Datasheet HTML 669Page - Renesas Technology Corp H8/3003 Datasheet HTML 670Page - Renesas Technology Corp H8/3003 Datasheet HTML 671Page - Renesas Technology Corp H8/3003 Datasheet HTML 672Page - Renesas Technology Corp H8/3003 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 715 page
background image
P4DDR—Port 4 Data Direction Register
H'C5
Port 4
P4DR—Port 4 Data Register
H'C7
Port 4
P5DDR—Port 5 Data Direction Register
H'C8
Port 5
Bit
Initial value
Read/Write
7
P4 DDR
0
W
7
6
P4 DDR
0
W
6
5
P4 DDR
0
W
5
4
P4 DDR
0
W
4
3
P4 DDR
0
W
3
2
P4 DDR
0
W
2
1
P4 DDR
0
W
1
0
P4 DDR
0
W
0
Port 4 input/output select
0
Generic input pin
1
Generic output pin
Bit
Initial value
Read/Write
7
P4
0
R/W
7
6
P4
0
R/W
6
5
P4
0
R/W
5
4
P4
0
R/W
4
3
P4
0
R/W
3
2
P4
0
R/W
2
1
P4
0
R/W
1
0
P4
0
R/W
0
Data for port 4 pins
Bit
Mode
1, 2
Initial value
Read/Write
Initial value
Read/Write
Mode
3, 4
7
P5 DDR
0
W
1
—
7
6
P5 DDR
0
W
1
—
6
5
P5 DDR
0
W
1
—
5
4
P5 DDR
0
W
1
—
4
3
P5 DDR
1
—
1
—
3
2
P5 DDR
1
—
1
—
2
1
P5 DDR
1
—
1
—
1
0
P5 DDR
1
—
1
—
0
Port 5 input/output select
0
Generic input
1
Generic output
651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com