Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 667Page - Renesas Technology Corp H8/3003 Datasheet HTML 668Page - Renesas Technology Corp H8/3003 Datasheet HTML 669Page - Renesas Technology Corp H8/3003 Datasheet HTML 670Page - Renesas Technology Corp H8/3003 Datasheet HTML 671Page - Renesas Technology Corp H8/3003 Datasheet HTML 672Page - Renesas Technology Corp H8/3003 Datasheet HTML 673Page - Renesas Technology Corp H8/3003 Datasheet HTML 674Page - Renesas Technology Corp H8/3003 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 715 page
background image
P8DDR—Port 8 Data Direction Register
H'CD
Port 8
P7DR—Port 7 Data Register
H'CE
Port 7
P8DR—Port 8 Data Register
H'CF
Port 8
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
P8 DDR
1
W
4
3
P8 DDR
0
W
3
2
P8 DDR
0
W
2
1
P8 DDR
0
W
1
0
P8 DDR
0
W
0
Port 8 input/output select
Port 8 input/output select
0
Generic input
1
Generic output
0
Generic input
1
output
CS
Bit
Initial value
Read/Write
0
P7
—
R
*
Note:
Determined by pins P7 to P7 .
*
0
1
P7
—
R
*
1
2
P7
—
R
*
2
3
P7
—
R
*
3
4
P7
—
R
*
4
5
P7
—
R
*
5
6
P7
—
R
*
6
7
P7
—
R
*
7
Data for port 7 pins
70
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
P8
0
R/W
4
3
P8
0
R/W
3
2
P8
0
R/W
2
1
P8
0
R/W
1
0
P8
0
R/W
0
Data for port 8 pins
653



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com