Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 102Page - Renesas Technology Corp H8/3003 Datasheet HTML 103Page - Renesas Technology Corp H8/3003 Datasheet HTML 104Page - Renesas Technology Corp H8/3003 Datasheet HTML 105Page - Renesas Technology Corp H8/3003 Datasheet HTML 106Page - Renesas Technology Corp H8/3003 Datasheet HTML 107Page - Renesas Technology Corp H8/3003 Datasheet HTML 108Page - Renesas Technology Corp H8/3003 Datasheet HTML 109Page - Renesas Technology Corp H8/3003 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 715 page
background image
Figure 5-3 shows the timing of the setting of the interrupt flags (IRQnF).
Figure 5-3 Timing of Setting of IRQnF
Interrupts IRQ0 to IRQ7 have vector numbers 12 to 19. These interrupts are detected regardless of
whether the corresponding pin is set for input or output. When using a pin for external interrupt
input, clear its DDR bit to 0 and do not use the pin for chip select output, refresh output, or SCI
input or output.
5.3.2 Internal Interrupts
Thirty-four internal interrupts are requested from the on-chip supporting modules.
•
Each on-chip supporting module has status flags for indicating interrupt status, and enable
bits for enabling or disabling interrupts.
•
Interrupt priority levels can be assigned in IPRA and IPRB.
•
ITU and SCI interrupt requests can activate the DMAC, in which case no interrupt request is
sent to the interrupt controller, and the I and UI bits are disregarded.
5.3.3 Interrupt Vector Table
Table 5-3 lists the interrupt sources, their vector addresses, and their default priority order. In the
default priority order, smaller vector numbers have higher priority. The priority of interrupts other
than NMI can be changed in IPRA and IPRB. The priority order after a reset is the default order
shown in table 5-3.
ø
IRQn
IRQnF
input pin
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com