Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 105Page - Renesas Technology Corp H8/3003 Datasheet HTML 106Page - Renesas Technology Corp H8/3003 Datasheet HTML 107Page - Renesas Technology Corp H8/3003 Datasheet HTML 108Page - Renesas Technology Corp H8/3003 Datasheet HTML 109Page - Renesas Technology Corp H8/3003 Datasheet HTML 110Page - Renesas Technology Corp H8/3003 Datasheet HTML 111Page - Renesas Technology Corp H8/3003 Datasheet HTML 112Page - Renesas Technology Corp H8/3003 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 715 page
background image
5.4 Interrupt Operation
5.4.1 Interrupt Handling Process
The H8/3003 handles interrupts differently depending on the setting of the UE bit. When UE = 1,
interrupts are controlled by the I bit. When UE = 0, interrupts are controlled by the I and UI bits.
Table 5-4 indicates how interrupts are handled for all setting combinations of the UE, I, and
UI bits.
NMI interrupts are always accepted except in the reset and hardware standby states. IRQ
interrupts and interrupts from the on-chip supporting modules have their own enable bits. Interrupt
requests are ignored when the enable bits are cleared to 0.
Table 5-4 UE, I, and UI Bit Settings and Interrupt Handling
SYSCR
CCR
UE
I
UI
Description
1
0
—
All interrupts are accepted. Interrupts with priority level 1 have higher
priority.
1
—
No interrupts are accepted except NMI.
0
0
—
All interrupts are accepted. Interrupts with priority level 1 have higher
priority.
1
0
NMI and interrupts with priority level 1 are accepted.
1
No interrupts are accepted except NMI.
UE = 1: Interrupts IRQ0 to IRQ7 and interrupts from the on-chip supporting modules can all be
masked by the I bit in the CPU’s CCR. Interrupts are masked when the I bit is set to 1, and
unmasked when the I bit is cleared to 0. Interrupts with priority level 1 have higher priority. Figure
5-4 is a flowchart showing how interrupts are accepted when UE = 1.
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com