Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 108Page - Renesas Technology Corp H8/3003 Datasheet HTML 109Page - Renesas Technology Corp H8/3003 Datasheet HTML 110Page - Renesas Technology Corp H8/3003 Datasheet HTML 111Page - Renesas Technology Corp H8/3003 Datasheet HTML 112Page - Renesas Technology Corp H8/3003 Datasheet HTML 113Page - Renesas Technology Corp H8/3003 Datasheet HTML 114Page - Renesas Technology Corp H8/3003 Datasheet HTML 115Page - Renesas Technology Corp H8/3003 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 715 page
background image
Figure 5-5 shows the transitions among the above states.
Figure 5-5 Interrupt Masking State Transitions (Example)
Figure 5-6 is a flowchart showing how interrupts are accepted when UE = 0.
•
If an interrupt condition occurs and the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
•
When the interrupt controller receives one or more interrupt requests, it selects the highest-
priority request, following the IPR interrupt priority settings, and holds other requests
pending. If two or more interrupts with the same IPR setting are requested simultaneously, the
interrupt controller follows the priority order shown in table 5-3.
•
The interrupt controller checks the I bit. If the I bit is cleared to 0, the selected interrupt
request is accepted regardless of its IPR setting, and regardless of the UI bit. If the I bit is set
to 1 and the UI bit is cleared to 0, only NMI and interrupts with priority level 1 are accepted;
interrupt requests with priority level 0 are held pending. If the I bit and UI bit are both set to
1, only NMI is accepted; all other interrupt requests are held pending.
•
When an interrupt request is accepted, interrupt exception handling starts after execution of
the current instruction has been completed.
•
In interrupt exception handling, PC and CCR are saved to the stack area. The PC value that is
saved indicates the address of the first instruction that will be executed after the return from
the interrupt service routine.
•
The I and UI bits are set to 1 in CCR, masking all interrupts except NMI.
•
The vector address of the accepted interrupt is generated, and the interrupt service routine
starts executing from the address indicated by the contents of the vector address.
All interrupts are
unmasked
Only NMI, IRQ , and
IRQ are unmasked
Exception handling,
or I
1, UI
1
←←
a.
b.
2
3
All interrupts are
masked except NMI
c.
UI
0
←
I
0
←
Exception handling,
or UI
1
←
I
0
←
I
1, UI
0
←←
94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com