Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 113Page - Renesas Technology Corp H8/3003 Datasheet HTML 114Page - Renesas Technology Corp H8/3003 Datasheet HTML 115Page - Renesas Technology Corp H8/3003 Datasheet HTML 116Page - Renesas Technology Corp H8/3003 Datasheet HTML 117Page - Renesas Technology Corp H8/3003 Datasheet HTML 118Page - Renesas Technology Corp H8/3003 Datasheet HTML 119Page - Renesas Technology Corp H8/3003 Datasheet HTML 120Page - Renesas Technology Corp H8/3003 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 715 page
background image
5.5.2 Instructions that Inhibit Interrupts
The LDC, ANDC, ORC, and XORC instructions inhibit interrupts. When an interrupt occurs,
after determining the interrupt priority, the interrupt controller requests a CPU interrupt. If the
CPU is currently executing one of these interrupt-inhibiting instructions, however, when the
instruction is completed the CPU always continues by executing the next instruction.
5.5.3 Interrupts during EEPMOV Instruction Execution
The EEPMOV.B and EEPMOV.W instructions differ in their reaction to interrupt requests.
When the EEPMOV.B instruction is executing a transfer, no interrupts are accepted until the
transfer is completed, not even NMI.
When the EEPMOV.W instruction is executing a transfer, interrupt requests other than NMI are
not accepted until the transfer is completed. If NMI is requested, NMI exception handling starts at
a transfer cycle boundary. The PC value saved on the stack is the address of the next instruction.
Programs should be coded as follows to allow for NMI interrupts during EEPMOV.W execution:
L1:
EEPMOV.W
MOV.W R4,R4
BNE
L1
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com