Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 115Page - Renesas Technology Corp H8/3003 Datasheet HTML 116Page - Renesas Technology Corp H8/3003 Datasheet HTML 117Page - Renesas Technology Corp H8/3003 Datasheet HTML 118Page - Renesas Technology Corp H8/3003 Datasheet HTML 119Page - Renesas Technology Corp H8/3003 Datasheet HTML 120Page - Renesas Technology Corp H8/3003 Datasheet HTML 121Page - Renesas Technology Corp H8/3003 Datasheet HTML 122Page - Renesas Technology Corp H8/3003 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 715 page
background image
Section 6 Bus Controller
6.1 Overview
The H8/3003 has an on-chip bus controller that divides the address space into eight areas and can
assign different bus specifications to each. This enables different types of memory to be connected
easily.
A bus arbitration function of the bus controller controls the operation of the DMA controller
(DMAC) and refresh controller. The bus controller can also release the bus to an external device.
6.1.1 Features
Features of the bus controller are listed below.
•
Independent settings for address areas 0 to 7
— 128-kbyte areas in 1-Mbyte modes; 2-Mbyte areas in 16-Mbyte modes.
— Chip select signals (CS0 to CS7) can be output for areas 0 to 7.
— Areas can be designated for 8-bit or 16-bit access.
— Areas can be designated for two-state or three-state access.
•
Four wait modes
— Programmable wait mode, pin auto-wait mode, and pin wait modes 0 and 1 can be
selected.
— Zero to three wait states can be inserted automatically.
•
Bus arbitration function
— A built-in bus arbiter grants the bus right to the CPU, DMAC, refresh controller, or an
external bus master.
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com