Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 118Page - Renesas Technology Corp H8/3003 Datasheet HTML 119Page - Renesas Technology Corp H8/3003 Datasheet HTML 120Page - Renesas Technology Corp H8/3003 Datasheet HTML 121Page - Renesas Technology Corp H8/3003 Datasheet HTML 122Page - Renesas Technology Corp H8/3003 Datasheet HTML 123Page - Renesas Technology Corp H8/3003 Datasheet HTML 124Page - Renesas Technology Corp H8/3003 Datasheet HTML 125Page - Renesas Technology Corp H8/3003 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 715 page
background image
6.2 Register Descriptions
6.2.1 Bus Width Control Register (ABWCR)
ABWCR is an 8-bit readable/writable register that selects 8-bit or 16-bit access for each area.
When ABWCR contains H'FF (selecting 8-bit access for all areas), the H8/3003 operates in 8-bit
bus mode: the upper data bus (D15 to D8) is valid, and port 4 is an input/output port. When at least
one bit is cleared to 0 in ABWCR, the H8/3003 operates in 16-bit bus mode with a 16-bit data bus
(D15 to D0). In modes 1 and 3, ABWCR is initialized to H'FF by a reset and in hardware standby
mode. In modes 2 and 4, ABWCR is initialized to H'00 by a reset and in hardware standby mode.
ABWCR is not initialized in software standby mode.
Bits 7 to 0—Area 7 to 0 Bus Width Control (ABW7 to ABW0): These bits select 8-bit access
or 16-bit access to the corresponding address areas.
Bits 7 to 0
ABW7 to ABW0
Description
0
Areas 7 to 0 are 16-bit access areas
1
Areas 7 to 0 are 8-bit access areas
ABWCR specifies the bus width of external memory areas. The bus width of on-chip memory and
registers is fixed and does not depend on ABWCR settings.
Bit
Read/Write
7
ABW7
1
0
R/W
6
ABW6
1
0
R/W
5
ABW5
1
0
R/W
4
ABW4
1
0
R/W
3
ABW3
1
0
R/W
0
ABW0
1
0
R/W
2
ABW2
1
0
R/W
1
ABW1
1
0
R/W
Bits selecting bus width for each area
Initial
value
Mode 1, 3
Mode 2, 4
104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com