Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 121Page - Renesas Technology Corp H8/3003 Datasheet HTML 122Page - Renesas Technology Corp H8/3003 Datasheet HTML 123Page - Renesas Technology Corp H8/3003 Datasheet HTML 124Page - Renesas Technology Corp H8/3003 Datasheet HTML 125Page - Renesas Technology Corp H8/3003 Datasheet HTML 126Page - Renesas Technology Corp H8/3003 Datasheet HTML 127Page - Renesas Technology Corp H8/3003 Datasheet HTML 128Page - Renesas Technology Corp H8/3003 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 715 page
background image
Bits 1 and 0—Wait Count 1 and 0 (WC1/0): These bits select the number of wait states inserted
in access to external three-state-access areas.
Bit 1
Bit 0
WC1
WC0
Description
0
0
No wait states inserted by wait-state controller
1
1 state inserted
1
0
2 states inserted
1
3 states inserted
(Initial value)
6.2.4 Wait State Control Enable Register (WCER)
WCER is an 8-bit readable/writable register that enables or disables wait-state control of external
three-state-access areas by the wait-state controller.
WCER is initialized to H'FF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 0—Wait-State Control Enable 7 to 0 (WCE7 to WCE0): These bits enable or disable
wait-state control of external three-state-access areas.
Bits 7 to 0
WCE7 to WCE0
Description
0
Wait-state control disabled (pin wait mode 0)
1
Wait-state control enabled
(Initial value)
Bit
Initial value
Read/Write
7
WCE7
1
R/W
6
WCE6
1
R/W
5
WCE5
1
R/W
4
WCE4
1
R/W
3
WCE3
1
R/W
0
WCE0
1
R/W
2
WCE2
1
R/W
1
WCE1
1
R/W
Wait state controller enable 7 to 0
These bits enable or disable wait-state control
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com