Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 123Page - Renesas Technology Corp H8/3003 Datasheet HTML 124Page - Renesas Technology Corp H8/3003 Datasheet HTML 125Page - Renesas Technology Corp H8/3003 Datasheet HTML 126Page - Renesas Technology Corp H8/3003 Datasheet HTML 127Page - Renesas Technology Corp H8/3003 Datasheet HTML 128Page - Renesas Technology Corp H8/3003 Datasheet HTML 129Page - Renesas Technology Corp H8/3003 Datasheet HTML 130Page - Renesas Technology Corp H8/3003 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 715 page
background image
6.3 Operation
6.3.1 Area Division
The external address space is divided into areas 0 to 7. Each area has a size of 128 kbytes in the
1-Mbyte modes, or 2 Mbytes in the 16-Mbyte modes. Figure 6-2 shows a general view of the
memory map.
Figure 6-2 Access Area Map for Modes 1 to 4
H'00000
H'1FFFF
H'20000
H'3FFFF
H'40000
H'5FFFF
H'60000
H'7FFFF
H'80000
H'9FFFF
H'A0000
H'BFFFF
H'C0000
H'DFFFF
H'E0000
H'000000
H'1FFFFF
H'200000
H'3FFFFF
H'400000
H'5FFFFF
H'600000
H'7FFFFF
H'800000
H'9FFFFF
H'A00000
H'BFFFFF
H'C00000
H'DFFFFF
H'E00000
Area 0 (128 kbytes)
Area 1 (128 kbytes)
Area 2 (128 kbytes)
Area 3 (128 kbytes)
Area 4 (128 kbytes)
Area 5 (128 kbytes)
Area 6 (128 kbytes)
Area 7 (128 kbytes)
On-chip RAM
External address space
On-chip registers
*
*
1, 2
*1
Area 7 (2 Mbytes)
On-chip RAM
External address space
On-chip registers
*
*
1, 2
Area 0 (2 Mbytes)
Area 1 (2 Mbytes)
Area 2 (2 Mbytes)
Area 3 (2 Mbytes)
Area 4 (2 Mbytes)
Area 5 (2 Mbytes)
Area 6 (2 Mbytes)
a. 1-Mbyte modes (modes 1 and 2)
b. 16-Mbyte modes (modes 3 and 4)
Notes:
The on-chip RAM and on-chip registers have a fixed bus width and are accessed in a fixed
number of states.
When the RAME bit is cleared to 0 in SYSCR, this area conforms to the specifications of area 7.
The 12-byte external address space conforms to the specifications of area 7.
1.
2.
3.
*1
*3
*3
H'FFFFF
H'FFFFFF
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com