Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 126Page - Renesas Technology Corp H8/3003 Datasheet HTML 127Page - Renesas Technology Corp H8/3003 Datasheet HTML 128Page - Renesas Technology Corp H8/3003 Datasheet HTML 129Page - Renesas Technology Corp H8/3003 Datasheet HTML 130Page - Renesas Technology Corp H8/3003 Datasheet HTML 131Page - Renesas Technology Corp H8/3003 Datasheet HTML 132Page - Renesas Technology Corp H8/3003 Datasheet HTML 133Page - Renesas Technology Corp H8/3003 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 715 page
background image
6.3.3 Data Bus
The H8/3003 allows either 8-bit access or 16-bit access to be designated for each of areas 0 to 7.
An 8-bit-access area uses the upper data bus (D15 to D8). A 16-bit-access area uses both the upper
data bus (D15 to D8) and lower data bus (D7 to D0).
In read access the
RD signal applies without distinction to both the upper and lower data bus. In
write access the
HWR signal applies to the upper data bus, and the LWR signal applies to the
lower data bus.
Table 6-4 indicates how the two parts of the data bus are used under different access conditions.
Table 6-4 Access Conditions and Data Bus Usage
Access
Read/
Valid
Upper Data Bus
Lower Data Bus
Area
Size
Write
Address Strobe
(D15 to D8)(D7 to D0)
—
Read
—
RD
Valid
Invalid
Write
—
HWR
Undetermined data
Byte
Read
Even
RD
Valid
Invalid
Odd
Invalid
Valid
Write
Even
HWR
Valid
Undetermined data
Odd
LWR
Undetermined data Valid
Word
Read
—
RD
Valid
Valid
Write
—
HWR, LWR Valid
Valid
Note: Undetermined data means that unpredictable data is output.
Invalid means that the bus is in the input state and the input is ignored.
8-bit-access
area
16-bit-access
area
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com