Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 155Page - Renesas Technology Corp H8/3003 Datasheet HTML 156Page - Renesas Technology Corp H8/3003 Datasheet HTML 157Page - Renesas Technology Corp H8/3003 Datasheet HTML 158Page - Renesas Technology Corp H8/3003 Datasheet HTML 159Page - Renesas Technology Corp H8/3003 Datasheet HTML 160Page - Renesas Technology Corp H8/3003 Datasheet HTML 161Page - Renesas Technology Corp H8/3003 Datasheet HTML 162Page - Renesas Technology Corp H8/3003 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 715 page
background image
7.2.2 Refresh Timer Control/Status Register (RTMCSR)
RTMCSR is an 8-bit readable/writable register that selects the clock source for RTCNT. It also
enables or disables interrupt requests when the refresh controller is used as an interval timer.
Bits 7 and 6 are initialized by a reset and in standby mode. Bits 5 to 3 are initialized by a reset and
in hardware standby mode, but retain their previous values on transition to software standby mode.
Bit 7—Compare Match Flag (CMF): This status flag indicates that the RTCNT and RTCOR
values have matched.
Bit 7
CMF
Description
0
[Clearing condition]
Cleared by reading CMF when CMF = 1, then writing 0 in CMF
1
[Setting condition]
When RTCNT = RTCOR
Bit
Initial value
Read/Write
7
CMF
0
R/(W)
6
CMIE
0
R/W
5
CKS2
0
R/W
4
CKS1
0
R/W
3
CKS0
0
R/W
0
—
1
—
2
—
1
—
1
—
1
—
Compare match flag
Status flag indicating that RTCNT has matched RTCOR
Reserved bits
Clock select 2 to 0
These bits select an
internal clock source
for input to RTCNT
Note:
Only 0 can be written, to clear the flag.
*
*
Compare match interrupt enable
Enables or disables the CMI interrupt requested by CMF
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com