Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 156Page - Renesas Technology Corp H8/3003 Datasheet HTML 157Page - Renesas Technology Corp H8/3003 Datasheet HTML 158Page - Renesas Technology Corp H8/3003 Datasheet HTML 159Page - Renesas Technology Corp H8/3003 Datasheet HTML 160Page - Renesas Technology Corp H8/3003 Datasheet HTML 161Page - Renesas Technology Corp H8/3003 Datasheet HTML 162Page - Renesas Technology Corp H8/3003 Datasheet HTML 163Page - Renesas Technology Corp H8/3003 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 715 page
background image
Bit 6—Compare Match Interrupt Enable (CMIE): Enables or disables the CMI interrupt
requested when the CMF flag is set to 1 in RTMCSR. The CMIE bit is always cleared to 0 when
PSRAME = 1 or DRAME = 1.
Bit 6
CMIE
Description
0
The CMI interrupt requested by CMF is disabled
(Initial value)
1
The CMI interrupt requested by CMF is enabled
Bits 5 to 3—Clock Select 2 to 0 (CKS2 to CKS0): These bits select an internal clock source for
input to RTCNT. When used for refresh control, the refresh controller outputs a refresh request at
periodic intervals determined by compare match between RTCNT and RTCOR. When used as an
interval timer, the refresh controller generates CMI interrupts at periodic intervals determined by
compare match. These bits are write-disabled when the PSRAME bit or DRAME bit is set to 1.
Bit 5
Bit 4
Bit 3
CKS2
CKS1
CKS0
Description
0
0
0
Clock input is disabled
(Initial value)
1
ø/2 clock source
1
0
ø/8 clock source
1
ø/32 clock source
1
0
0
ø/128 clock source
1
ø/512 clock source
1
0
ø/2048 clock source
1
ø/4096 clock source
Bits 2 to 0—Reserved: Read-only bits, always read as 1.
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com