Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 160Page - Renesas Technology Corp H8/3003 Datasheet HTML 161Page - Renesas Technology Corp H8/3003 Datasheet HTML 162Page - Renesas Technology Corp H8/3003 Datasheet HTML 163Page - Renesas Technology Corp H8/3003 Datasheet HTML 164Page - Renesas Technology Corp H8/3003 Datasheet HTML 165Page - Renesas Technology Corp H8/3003 Datasheet HTML 166Page - Renesas Technology Corp H8/3003 Datasheet HTML 167Page - Renesas Technology Corp H8/3003 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 715 page
background image
Table 7-4 Area 3 Settings, DRAM Access Cycles, and Refresh Cycles
Area 3 Settings
Read/Write Cycle by CPU or DMAC
Refresh Cycle
2-state-access area
• 3 states
• 3 states
(AST3 = 0)
• Wait states cannot be inserted
• Wait states cannot be inserted
3-state-access area
• 3 states
• 3 states
(AST3 = 1)
• Wait states can be inserted
• Wait states can be inserted
To insert refresh cycles, set the RCYCE bit to 1 in RFSHCR. Figure 7-3 shows the state
transitions for execution of refresh cycles.
When the first refresh request occurs after exit from the reset state or standby mode, the refresh
controller does not execute a refresh cycle, but goes into the refresh request pending state. Note
this point when using a DRAM that requires a refresh cycle for initialization.
When a refresh request occurs in the refresh request pending state, the refresh controller acquires
the bus right, then executes a refresh cycle. If another refresh request occurs during execution of
the refresh cycle, it is ignored.
Figure 7-3 State Transitions for Refresh Cycle Execution
Refresh
request*
Refresh
request*
Exit from reset or standby mode
Refresh request pending state
Requesting bus right
Executing refresh cycle
Refresh request
Refresh request
Bus granted
End of refresh
cycle
Note:
A refresh request is ignored if it occurs while the refresh controller is requesting the
bus right or executing a refresh cycle.
*
*
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com