Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 179Page - Renesas Technology Corp H8/3003 Datasheet HTML 180Page - Renesas Technology Corp H8/3003 Datasheet HTML 181Page - Renesas Technology Corp H8/3003 Datasheet HTML 182Page - Renesas Technology Corp H8/3003 Datasheet HTML 183Page - Renesas Technology Corp H8/3003 Datasheet HTML 184Page - Renesas Technology Corp H8/3003 Datasheet HTML 185Page - Renesas Technology Corp H8/3003 Datasheet HTML 186Page - Renesas Technology Corp H8/3003 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 715 page
background image
7.3.4 Interval Timing
To use the refresh controller as an interval timer, clear the PSRAME and DRAME both to 0. After
setting RTCOR, select a clock source with bits CKS2 to CKS0 in RTMCSR, and set the CMIE bit
to 1.
Timing of Setting of Compare Match Flag and Clearing by Compare Match: The CMF flag
in RTCSR is set to 1 by a compare match signal output when the RTCOR and RTCNT values
match. The compare match signal is generated in the last state in which the values match (when
RTCNT is updated from the matching value to a new value). Accordingly, when RTCNT and
RTCOR match, the compare match signal is not generated until the next counter clock pulse.
Figure 7-19 shows the timing.
Figure 7-19 Timing of Setting of CMF Flag
Operation in Power-Down State: The interval timer function operates in sleep mode. It does not
operate in hardware standby mode. In software standby mode RTCNT and RTMCSR bits 7 and 6
are initialized, but RTMCSR bits 5 to 3 and RTCOR retain their settings prior to the transition to
software standby mode.
ø
RTCNT
RTCOR
CMF flag
N
H'00
N
Compare
match signal
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com