Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 182Page - Renesas Technology Corp H8/3003 Datasheet HTML 183Page - Renesas Technology Corp H8/3003 Datasheet HTML 184Page - Renesas Technology Corp H8/3003 Datasheet HTML 185Page - Renesas Technology Corp H8/3003 Datasheet HTML 186Page - Renesas Technology Corp H8/3003 Datasheet HTML 187Page - Renesas Technology Corp H8/3003 Datasheet HTML 188Page - Renesas Technology Corp H8/3003 Datasheet HTML 189Page - Renesas Technology Corp H8/3003 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 715 page
background image
Contention between RTCOR Write and Compare Match: If a compare match occurs in the T3
state of an RTCOR write cycle, writing takes priority and the compare match signal is inhibited.
See figure 7-22.
Figure 7-22 Contention between RTCOR Write and Compare Match
RTCNT Operation at Internal Clock Source Switchover: Switching internal clock sources may
cause RTCNT to increment, depending on the switchover timing. Table 7-9 shows the relation
between the time of the switchover (by writing to bits CKS2 to CKS0) and the operation of
RTCNT.
The RTCNT input clock is generated from the internal clock source by detecting the falling edge
of the internal clock. If a switchover is made from a high clock source to a low clock source, as in
case No. 3 in table 7-9, the switchover will be regarded as a falling edge, an RTCNT clock pulse
will be generated, and RTCNT will be incremented.
T1
T2
T3
RTCOR address
NM
N
N + 1
ø
Address
RTCNT
RTCOR
RTCOR write cycle by CPU
Internal
write signal
Compare
match signal
Inhibited
RTCOR write data
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com