Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 187Page - Renesas Technology Corp H8/3003 Datasheet HTML 188Page - Renesas Technology Corp H8/3003 Datasheet HTML 189Page - Renesas Technology Corp H8/3003 Datasheet HTML 190Page - Renesas Technology Corp H8/3003 Datasheet HTML 191Page - Renesas Technology Corp H8/3003 Datasheet HTML 192Page - Renesas Technology Corp H8/3003 Datasheet HTML 193Page - Renesas Technology Corp H8/3003 Datasheet HTML 194Page - Renesas Technology Corp H8/3003 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 715 page
background image
Section 8 DMA Controller
8.1 Overview
The H8/3003 has an on-chip DMA controller (DMAC) that can transfer data on up to eight
channels.
8.1.1 Features
DMAC features are listed below.
•
Selection of short address mode or full address mode
Short address mode
— 8-bit source address and 24-bit destination address, or vice versa
— Maximum eight channels available
— Selection of I/O mode, idle mode, or repeat mode
Full address mode
— 24-bit source and destination addresses
— Maximum four channels available
— Selection of normal mode or block transfer mode
•
Directly addressable 16-Mbyte address space
•
Selection of byte or word transfer
•
Activation by internal interrupts, external requests, or auto-request (depending on transfer
mode)
— ITU compare match/input capture interrupts (four)
— SCI transmit-data-empty/receive-data-full interrupts
— External requests
— Auto-request
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com