Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 189Page - Renesas Technology Corp H8/3003 Datasheet HTML 190Page - Renesas Technology Corp H8/3003 Datasheet HTML 191Page - Renesas Technology Corp H8/3003 Datasheet HTML 192Page - Renesas Technology Corp H8/3003 Datasheet HTML 193Page - Renesas Technology Corp H8/3003 Datasheet HTML 194Page - Renesas Technology Corp H8/3003 Datasheet HTML 195Page - Renesas Technology Corp H8/3003 Datasheet HTML 196Page - Renesas Technology Corp H8/3003 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 715 page
background image
8.1.3 Functional Overview
Table 8-1 gives an overview of the DMAC functions.
Table 8-1 DMAC Functional Overview
Address
Reg. Length
Destina-
Transfer Mode
Activation
Source tion
• Compare match/input
24
8
capture A interrupts
from ITU channels
0 to 3
• Transmit-data-empty
interrupt from serial
communication
interface
• Receive-data-full
8
24
interrupt from serial
communication
interface
• External request
24
8
• Auto-request
24
24
• External request
• Compare match/
24
24
input capture A
interrupts from ITU
channels 0 to 3
• External request
I/O mode
• Transfers one byte or one word
per request
• Increments or decrements the
memory address by 1 or 2
• Executes 1 to 65,536 transfers
Idle mode
• Transfers one byte or one word
per request
• Holds the memory address fixed
• Executes 1 to 65,536 transfers
Repeat mode
• Transfers one byte or one word
per request
• Increments or decrements the
memory address by 1 or 2
• Executes a specified number (1 to
255) of transfers, then returns to
the initial state and continues
Normal mode
• Auto-request
— Retains the transfer request
internally
— Executes a specified number
(1 to 65,536) of transfers
continuously
— Selection of burst mode or
cycle-steal mode
• External request
— Transfers one byte or one word
per request
— Executes 1 to 65,536 transfers
Block transfer
• Transfers one block of a specified
size per request
• Executes 1 to 65,536 transfers
• Allows either the source or
destination to be a fixed block
area
• Block size can be 1 to 255 bytes
or words
Short
address
mode
Full
address
mode
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com