Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 192Page - Renesas Technology Corp H8/3003 Datasheet HTML 193Page - Renesas Technology Corp H8/3003 Datasheet HTML 194Page - Renesas Technology Corp H8/3003 Datasheet HTML 195Page - Renesas Technology Corp H8/3003 Datasheet HTML 196Page - Renesas Technology Corp H8/3003 Datasheet HTML 197Page - Renesas Technology Corp H8/3003 Datasheet HTML 198Page - Renesas Technology Corp H8/3003 Datasheet HTML 199Page - Renesas Technology Corp H8/3003 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 715 page
background image
Table 8-3 DMAC Registers (cont)
Group Channel
Address*
Name
Abbreviation
R/W
Initial Value
1
2
H'FF40
Memory address register 2AR
MAR2AR
R/W
Undetermined
H'FF41
Memory address register 2AE
MAR2AE
R/W
Undetermined
H'FF42
Memory address register 2AH
MAR2AH
R/W
Undetermined
H'FF43
Memory address register 2AL
MAR2AL
R/W
Undetermined
H'FF46
I/O address register 2A
IOAR2A
R/W
Undetermined
H'FF44
Execute transfer count register 2AH
ETCR2AH
R/W
Undetermined
H'FF45
Execute transfer count register 2AL
ETCR2AL
R/W
Undetermined
H'FF47
Data transfer control register 2A
DTCR2A
R/W
H'00
H'FF48
Memory address register 2BR
MAR2BR
R/W
Undetermined
H'FF49
Memory address register 2BE
MAR2BE
R/W
Undetermined
H'FF4A
Memory address register 2BH
MAR2BH
R/W
Undetermined
H'FF4B
Memory address register 2BL
MAR2BL
R/W
Undetermined
H'FF4E
I/O address register 2B
IOAR2B
R/W
Undetermined
H'FF4C
Execute transfer count register 2BH
ETCR2BH
R/W
Undetermined
H'FF4D
Execute transfer count register 2BL
ETCR2BL
R/W
Undetermined
H'FF4F
Data transfer control register 2B
DTCR2B
R/W
H'00
3
H'FF50
Memory address register 3AR
MAR3AR
R/W
Undetermined
H'FF51
Memory address register 3AE
MAR3AE
R/W
Undetermined
H'FF52
Memory address register 3AH
MAR3AH
R/W
Undetermined
H'FF53
Memory address register 3AL
MAR3AL
R/W
Undetermined
H'FF56
I/O address register 3A
IOAR3A
R/W
Undetermined
H'FF54
Execute transfer count register 3AH
ETCR3AH
R/W
Undetermined
H'FF55
Execute transfer count register 3AL
ETCR3AL
R/W
Undetermined
H'FF57
Data transfer control register 3A
DTCR3A
R/W
H'00
H'FF58
Memory address register 3BR
MAR3BR
R/W
Undetermined
H'FF59
Memory address register 3BE
MAR3BE
R/W
Undetermined
H'FF5A
Memory address register 3BH
MAR3BH
R/W
Undetermined
H'FF5B
Memory address register 3BL
MAR3BL
R/W
Undetermined
H'FF5E
I/O address register 3B
IOAR3B
R/W
Undetermined
H'FF5C
Execute transfer count register 3BH
ETCR3BH
R/W
Undetermined
H'FF5D
Execute transfer count register 3BL
ETCR3BL
R/W
Undetermined
H'FF5F
Data transfer control register 3B
DTCR3B
R/W
H'00
Note: * The lower 16 bits of the address are indicated.
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com