Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 195Page - Renesas Technology Corp H8/3003 Datasheet HTML 196Page - Renesas Technology Corp H8/3003 Datasheet HTML 197Page - Renesas Technology Corp H8/3003 Datasheet HTML 198Page - Renesas Technology Corp H8/3003 Datasheet HTML 199Page - Renesas Technology Corp H8/3003 Datasheet HTML 200Page - Renesas Technology Corp H8/3003 Datasheet HTML 201Page - Renesas Technology Corp H8/3003 Datasheet HTML 202Page - Renesas Technology Corp H8/3003 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 715 page
background image
8.2.2 I/O Address Registers (IOAR)
An I/O address register (IOAR) is an 8-bit readable/writable register that specifies a source or
destination address. The IOAR value is the lower 8 bits of the address. The upper 16 address bits
are all 1 (H'FFFF).
An IOAR functions as a source or destination address register depending on how the DMAC is
activated: as a source address register if activation is by a receive-data-full interrupt from the SCI,
and as a destination address register otherwise.
The IOAR value is held fixed. It is not incremented or decremented when a transfer is executed.
The IOARs are not initialized by a reset or in standby mode.
8.2.3 Execute Transfer Count Registers (ETCR)
An execute transfer count register (ETCR) is a 16-bit readable/writable register that specifies the
number of transfers to be executed. These registers function in one way in I/O mode and idle
mode, and another way in repeat mode.
•
I/O mode and idle mode
In I/O mode and idle mode, ETCR functions as a 16-bit counter. The count is decremented by
1 each time one transfer is executed. The transfer ends when the count reaches H'0000.
Bit
Initial value
Read/Write
7
R/W
6
R/W
5
R/W
4
R/W
3
R/W
0
R/W
2
R/W
1
R/W
Source or destination address
Undetermined
Bit
Initial value
Read/Write
14
R/W
12
R/W
10
R/W
8
R/W
6
R/W
0
R/W
4
R/W
2
R/W
Transfer counter
Undetermined
15
R/W
13
R/W
11
R/W
9
R/W
7
R/W
1
R/W
5
R/W
3
R/W
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com