Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 198Page - Renesas Technology Corp H8/3003 Datasheet HTML 199Page - Renesas Technology Corp H8/3003 Datasheet HTML 200Page - Renesas Technology Corp H8/3003 Datasheet HTML 201Page - Renesas Technology Corp H8/3003 Datasheet HTML 202Page - Renesas Technology Corp H8/3003 Datasheet HTML 203Page - Renesas Technology Corp H8/3003 Datasheet HTML 204Page - Renesas Technology Corp H8/3003 Datasheet HTML 205Page - Renesas Technology Corp H8/3003 Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 715 page
background image
Bit 6—Data Transfer Size (DTSZ): Selects the data size of each transfer.
Bit 6
DTSZ
Description
0
Byte-size transfer
(Initial value)
1
Word-size transfer
Bit 5—Data Transfer Increment/Decrement (DTID): Selects whether to increment or
decrement the memory address register (MAR) after a data transfer in I/O mode or repeat mode.
Bit 5
DTID
Description
0
MAR is incremented after each data transfer
(Initial value)
• If DTSZ = 0, MAR is incremented by 1 after each transfer
• If DTSZ = 1, MAR is incremented by 2 after each transfer
1
MAR is decremented after each data transfer
• If DTSZ = 0, MAR is decremented by 1 after each transfer
• If DTSZ = 1, MAR is decremented by 2 after each transfer
MAR is not incremented or decremented in idle mode.
Bit 4—Repeat Enable (RPE): Selects whether to transfer data in I/O mode, idle mode, or repeat
mode.
Bit 4
Bit 3
RPE
DTIE
Description
0
0
I/O mode
(Initial value)
1
1
0
Repeat mode
1
Idle mode
Operations in these modes are described in sections 8.4.2, I/O Mode, 8.4.3, Idle Mode, and 8.4.4,
Repeat Mode.
184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com