Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 200Page - Renesas Technology Corp H8/3003 Datasheet HTML 201Page - Renesas Technology Corp H8/3003 Datasheet HTML 202Page - Renesas Technology Corp H8/3003 Datasheet HTML 203Page - Renesas Technology Corp H8/3003 Datasheet HTML 204Page - Renesas Technology Corp H8/3003 Datasheet HTML 205Page - Renesas Technology Corp H8/3003 Datasheet HTML 206Page - Renesas Technology Corp H8/3003 Datasheet HTML 207Page - Renesas Technology Corp H8/3003 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 715 page
background image
Channel B
Bit 2
Bit 1
Bit 0
DTS2B
DTS1B
DTS0B
Description
0
0
0
Compare match/input capture A interrupt from ITU
(Initial value)
channel 0
1
Compare match/input capture A interrupt from ITU channel 1
1
0
Compare match/input capture A interrupt from ITU channel 2
1
Compare match/input capture A interrupt from ITU channel 3
100Transmit-data-empty interrupt from SCI channel 0 or 1*
1
Receive-data-full interrupt from SCI channel 0 or 1*
1
0
Falling edge of
DREQ input
1
Low level of
DREQ input
Note: * DMAC channels 0 and 1 accept transmit-data-empty and receive-data-full interrupts from
SCI channel 0. DMAC channels 2 and 3 accept transmit-data-empty and receive-data-full
interrupts from SCI channel 1.
The same internal interrupt can be selected as an activation source for two or more channels at
once. In that case the channels are activated in a priority order, highest-priority channel first. For
the priority order, see section 8.4.9, Multiple-Channel Operation.
When a channel is enabled (DTE = 1), its selected DMAC activation source cannot generate a
CPU interrupt.
186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com