Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 209Page - Renesas Technology Corp H8/3003 Datasheet HTML 210Page - Renesas Technology Corp H8/3003 Datasheet HTML 211Page - Renesas Technology Corp H8/3003 Datasheet HTML 212Page - Renesas Technology Corp H8/3003 Datasheet HTML 213Page - Renesas Technology Corp H8/3003 Datasheet HTML 214Page - Renesas Technology Corp H8/3003 Datasheet HTML 215Page - Renesas Technology Corp H8/3003 Datasheet HTML 216Page - Renesas Technology Corp H8/3003 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 715 page
background image
Bits 2 to 0—Data Transfer Select (DTS2B, DTS1B, DTS0B): These bits select the data transfer
activation source. The selectable activation sources differ between normal mode and block transfer
mode.
Normal mode
Bit 2
Bit 1
Bit 0
DTS2B
DTS1B
DTS0B
Description
000Auto-request (burst mode)
(Initial value)
1
*
1
0
Auto-request (cycle-steal mode)
1
*
100
*
1
*
1
0
Falling edge of
DREQ
1
Low level input at
DREQ
Note: Settings marked with asterisks (*) cannot be used.
Block transfer mode
Bit 2
Bit 1
Bit 0
DTS2B DTS1B DTS0B Description
0
0
0
Compare match/input capture A interrupt from ITU channel 0 (Initial value)
1
Compare match/input capture A interrupt from ITU channel 1
1
0
Compare match/input capture A interrupt from ITU channel 2
1
Compare match/input capture A interrupt from ITU channel 3
10
0
*
1
*
1
0
Falling edge of
DREQ
1
*
Note: Settings marked with asterisks (*) cannot be used.
The same internal interrupt can be selected to activate two or more channels. The channels are
activated in a priority order, highest priority first. For the priority order, see section 8.4.9,
Multiple-Channel Operation.
195



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com