Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 210Page - Renesas Technology Corp H8/3003 Datasheet HTML 211Page - Renesas Technology Corp H8/3003 Datasheet HTML 212Page - Renesas Technology Corp H8/3003 Datasheet HTML 213Page - Renesas Technology Corp H8/3003 Datasheet HTML 214Page - Renesas Technology Corp H8/3003 Datasheet HTML 215Page - Renesas Technology Corp H8/3003 Datasheet HTML 216Page - Renesas Technology Corp H8/3003 Datasheet HTML 217Page - Renesas Technology Corp H8/3003 Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 715 page
background image
8.4 Operation
8.4.1 Overview
Table 8-5 summarizes the DMAC modes.
Table 8-5 DMAC Modes
Transfer Mode
Activation
Notes
Short address
Compare match/input
mode
capture A interrupt from
ITU channels 0 to 3
SCI transmit-data-empty
and receive-data-full
interrupts
External request
Normal mode
Auto-request
External request
Block transfer mode
Compare match/input
capture A interrupt from
ITU channels 0 to 3
External request
A summary of operations in these modes follows.
I/O Mode: One byte or word is transferred per request. A designated number of these transfers
are executed. A CPU interrupt can be requested at completion of the designated number of
transfers. One 24-bit address and one 8-bit address are specified. The transfer direction is
determined automatically from the activation source.
Idle Mode: One byte or word is transferred per request. A designated number of these transfers
are executed. A CPU interrupt can be requested at completion of the designated number of
transfers. One 24-bit address and one 8-bit address are specified. The addresses are held fixed. The
transfer direction is determined automatically from the activation source.
Repeat Mode: One byte or word is transferred per request. A designated number of these
transfers are executed. When the designated number of transfers are completed, the initial address
and counter value are restored and operation continues. No CPU interrupt is requested. One 24-bit
address and one 8-bit address are specified. The transfer direction is determined automatically
from the activation source.
Full address
mode
• Up to eight channels
can operate
independently
• Only the B channels
support external
requests
• A and B channels are
paired; up to four
channels are
available
• Burst mode or cycle-
steal mode can be
selected for auto-
requests
I/O mode
Idle mode
Repeat mode
196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com