Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 214Page - Renesas Technology Corp H8/3003 Datasheet HTML 215Page - Renesas Technology Corp H8/3003 Datasheet HTML 216Page - Renesas Technology Corp H8/3003 Datasheet HTML 217Page - Renesas Technology Corp H8/3003 Datasheet HTML 218Page - Renesas Technology Corp H8/3003 Datasheet HTML 219Page - Renesas Technology Corp H8/3003 Datasheet HTML 220Page - Renesas Technology Corp H8/3003 Datasheet HTML 221Page - Renesas Technology Corp H8/3003 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 715 page
background image
Figure 8-3 shows a sample setup procedure for I/O mode.
Figure 8-3 I/O Mode Setup Procedure (Example)
8.4.3 Idle Mode
Idle mode can be selected independently for each channel.
One byte or word is transferred at each transfer request in idle mode. A designated number of
these transfers are executed. One address is specified in the memory address register (MAR), the
other in the I/O address register (IOAR). The direction of transfer is determined automatically
from the activation source. The transfer is from the address specified in IOAR to the address
specified in MAR if activated by an SCI receive-data-full interrupt, and from the address specified
in MAR to the address specified in IOAR otherwise.
Table 8-7 indicates the register functions in idle mode.
Set source and
destination addresses
Set transfer count
Read DTCR
Set DTCR
I/O mode
I/O
1
2
3
4
1.
2.
3.
4.
Set the source and destination addresses
in MAR and IOAR. The transfer direction is
determined automatically from the activation
source.
Set the transfer count in ETCR.
Read DTCR while the DTE bit is cleared to 0.
Set the DTCR bits as follows.
Select the DMAC activation source with bits
DTS2 to DTS0.
Set or clear the DTIE bit to enable or disable
the CPU interrupt at the end of the transfer.
Clear the RPE bit to 0 to select I/O mode.
Select MAR increment or decrement with the
DTID bit.
Select byte size or word size with the DTSZ bit.
Set the DTE bit to 1 to enable the transfer.
•
•
•
•
•
•
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com