Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 215Page - Renesas Technology Corp H8/3003 Datasheet HTML 216Page - Renesas Technology Corp H8/3003 Datasheet HTML 217Page - Renesas Technology Corp H8/3003 Datasheet HTML 218Page - Renesas Technology Corp H8/3003 Datasheet HTML 219Page - Renesas Technology Corp H8/3003 Datasheet HTML 220Page - Renesas Technology Corp H8/3003 Datasheet HTML 221Page - Renesas Technology Corp H8/3003 Datasheet HTML 222Page - Renesas Technology Corp H8/3003 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 715 page
background image
Table 8-7 Register Functions in Idle Mode
Function
Activated by
SCI Receive-
Data-Full
Other
Register
Interrupt
Activation
Initial Setting
Operation
Destination
Source
Destination or
Held fixed
address
address
source address
register
register
Source
Destination
Source or
Held fixed
address
address
destination
register
register
address
Transfer counterNumber of
Decremented
transfers
once per
transfer until
H'0000 is
reached and
transfer ends
Legend
MAR:
Memory address register
IOAR: I/O address register
ETCR: Execute transfer count register
MAR and IOAR specify the source and destination addresses. MAR specifies a 24-bit source or
destination address. IOAR specifies the lower 8 bits of a fixed address. The upper 16 bits are all
1s. MAR and IOAR are not incremented or decremented.
Figure 8-4 illustrates how idle mode operates.
Figure 8-4 Operation in Idle Mode
23
0
MAR
All 1s
IOAR
23
0
15
0
ETCR
7
Transfer
1 byte or word is
transferred per request
IOAR
MAR
201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com