Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 219Page - Renesas Technology Corp H8/3003 Datasheet HTML 220Page - Renesas Technology Corp H8/3003 Datasheet HTML 221Page - Renesas Technology Corp H8/3003 Datasheet HTML 222Page - Renesas Technology Corp H8/3003 Datasheet HTML 223Page - Renesas Technology Corp H8/3003 Datasheet HTML 224Page - Renesas Technology Corp H8/3003 Datasheet HTML 225Page - Renesas Technology Corp H8/3003 Datasheet HTML 226Page - Renesas Technology Corp H8/3003 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 715 page
background image
The transfer count is specified as an 8-bit value in ETCRH and ETCRL. The maximum transfer
count is 255, obtained by setting both ETCRH and ETCRL to H'FF.
Transfers can be requested (activated) by compare match/input capture A interrupts from ITU
channels 0 to 3, SCI transmit-data-empty and receive-data-full interrupts, and external request
signals.
For the detailed settings see section 8.2.4, Data Transfer Control Registers (DTCR).
Figure 8-7 shows a sample setup procedure for repeat mode.
Figure 8-7 Repeat Mode Setup Procedure (Example)
Set source and
destination addresses
Set transfer count
Read DTCR
Set DTCR
Repeat mode
Repeat mode
1
2
3
4
1.
2.
3.
4.
Set the source and destination addresses in MAR
and IOAR. The transfer direction is determined
automatically from the activation source.
Set the transfer count in both ETCRH and ETCRL.
Read DTCR while the DTE bit is cleared to 0.
Select byte size or word size with the DTSZ bit.
Set the DTE bit to 1 to enable the transfer.
•
•
•
•
•
Select the DMAC activation source with bits
DTS2 to DTS0.
Clear the DTIE bit to 0 and set the RPE bit to 1
to select repeat mode.
Select MAR increment or decrement with the DTID bit.
Set the DTCR bits as follows.
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com