Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 218Page - Renesas Technology Corp H8/3003 Datasheet HTML 219Page - Renesas Technology Corp H8/3003 Datasheet HTML 220Page - Renesas Technology Corp H8/3003 Datasheet HTML 221Page - Renesas Technology Corp H8/3003 Datasheet HTML 222Page - Renesas Technology Corp H8/3003 Datasheet HTML 223Page - Renesas Technology Corp H8/3003 Datasheet HTML 224Page - Renesas Technology Corp H8/3003 Datasheet HTML 225Page - Renesas Technology Corp H8/3003 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 715 page
background image
In repeat mode ETCRH is used as the transfer counter while ETCRL holds the initial transfer
count. ETCRH is decremented by 1 at each transfer until it reaches H'00, then is reloaded from
ETCRL. MAR is also restored to its initial value, which is calculated from the DTSZ and DTID
bits in DTCR. Specifically, MAR is restored as follows:
MAR
← MAR – (–1)DTID · 2DTSZ · ETCRL
ETCRH and ETCRL should be initially set to the same value.
In repeat mode transfers continue until the CPU clears the DTE bit to 0. After DTE is cleared to 0,
if the CPU sets DTE to 1 again, transfers resume from the state at which DTE was cleared. No
CPU interrupt is requested.
As in I/O mode, MAR and IOAR specify the source and destination addresses. MAR specifies a
24-bit source or destination address. IOAR specifies the lower 8 bits of a fixed address. The upper
16 bits are all 1s. IOAR is not incremented or decremented.
Figure 8-6 illustrates how repeat mode operates.
Figure 8-6 Operation in Repeat Mode
Address T
Address B
Transfer
1 byte or word is
transferred per request
Legend
L = initial setting of MAR
N = initial setting of ETCRH and ETCRL
Address T = L
Address B = L + (–1)
• (2
• N – 1)
DTID
DTSZ
IOAR
204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com