Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 225Page - Renesas Technology Corp H8/3003 Datasheet HTML 226Page - Renesas Technology Corp H8/3003 Datasheet HTML 227Page - Renesas Technology Corp H8/3003 Datasheet HTML 228Page - Renesas Technology Corp H8/3003 Datasheet HTML 229Page - Renesas Technology Corp H8/3003 Datasheet HTML 230Page - Renesas Technology Corp H8/3003 Datasheet HTML 231Page - Renesas Technology Corp H8/3003 Datasheet HTML 232Page - Renesas Technology Corp H8/3003 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 715 page
background image
When activated by a transfer request, the DMAC executes a burst transfer. During the transfer
MARA and MARB are updated according to the DTCR settings, and ETCRAH is decremented.
When ETCRAH reaches H'00, it is reloaded from ETCRAL to restore the initial value. The
memory address register of the block area is also restored to its initial value, and ETCRB is
decremented. If ETCRB is not H'0000, the DMAC then waits for the next transfer request.
ETCRAH and ETCRAL should be initially set to the same value.
The above operation is repeated until ETCRB reaches H'0000, at which point the DTE bit is
cleared to 0 and the transfer ends. If the DTIE bit is set to 1, a CPU interrupt is requested at this
time.
Figure 8-11 shows examples of a block transfer with byte data size when the block area is the
destination. In (a) the block area address is cycled. In (b) the block area address is held fixed.
Transfers can be requested (activated) by compare match/input capture A interrupts from ITU
channels 0 to 3, and by external request signals.
For the detailed settings see section 8.3.4, Data Transfer Control Registers (DTCR).
211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com