Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 228Page - Renesas Technology Corp H8/3003 Datasheet HTML 229Page - Renesas Technology Corp H8/3003 Datasheet HTML 230Page - Renesas Technology Corp H8/3003 Datasheet HTML 231Page - Renesas Technology Corp H8/3003 Datasheet HTML 232Page - Renesas Technology Corp H8/3003 Datasheet HTML 233Page - Renesas Technology Corp H8/3003 Datasheet HTML 234Page - Renesas Technology Corp H8/3003 Datasheet HTML 235Page - Renesas Technology Corp H8/3003 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 715 page
background image
8.4.7 DMAC Activation
The DMAC can be activated by an internal interrupt, external request, or auto-request. The
available activation sources differ depending on the transfer mode and channel as indicated in
table 8-11.
Table 8-11 DMAC Activation Sources
Short Address Mode
Channels
Channels
Channels
Channels
Activation Source
0A and 1A 0B and 1B
2A and 3A 2B and 3B
Normal
Block
IMIA0
×
IMIA1
×
IMIA2
×
IMIA3
×
TXI0
××
×
×
RXI0
××
×
×
TXI1
××
××
RXI1
××
××
External
Falling edge
×
×
requests
of
DREQ
Low input at
×
×
×
DREQ
Auto-request
××
××
×
Activation by Internal Interrupts: When an interrupt request is selected as a DMAC activation
source and the DTE bit is set to 1, that interrupt request is not sent to the CPU. It is not possible
for an interrupt request to activate the DMAC and simultaneously generate a CPU interrupt.
When the DMAC is activated by an interrupt request, the interrupt request flag is cleared
automatically. If the same interrupt is selected to activate two or more channels, the interrupt
request flag is cleared when the highest-priority channel is activated, but the transfer request is
held pending on the other channels in the DMAC, which are activated in their priority order.
Full Address
Mode
Internal
interrupts
214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com