Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 236Page - Renesas Technology Corp H8/3003 Datasheet HTML 237Page - Renesas Technology Corp H8/3003 Datasheet HTML 238Page - Renesas Technology Corp H8/3003 Datasheet HTML 239Page - Renesas Technology Corp H8/3003 Datasheet HTML 240Page - Renesas Technology Corp H8/3003 Datasheet HTML 241Page - Renesas Technology Corp H8/3003 Datasheet HTML 242Page - Renesas Technology Corp H8/3003 Datasheet HTML 243Page - Renesas Technology Corp H8/3003 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 715 page
background image
8.4.9 Multiple-Channel Operation
The DMAC channel priority order is: channel 0 > channel 1 > channel 2 > channel 3, and
channel A > channel B. Table 8-12 shows the complete priority order. Group 0 and group 1
operate as two independent bus masters.
Table 8-12 Channel Priority Order
Bus Master
Short Address Mode
Full Address Mode
Priority
Group 0
Channel 0A
Channel 0
High
Channel 0B
Channel 1A
Channel 1
Channel 1B
Group 1
Channel 2A
Channel 2
Channel 2B
Channel 3A
Channel 3
Channel 3B
Low
Multiple-Channel Operation in the Same Group: If transfers are requested on two or more
channels simultaneously in the same group, or if a transfer on one channel is requested during a
transfer on another channel in the same group, the DMAC operates as follows.
•
When a transfer is requested, the DMAC requests the bus right. When it gets the bus right, it
starts a transfer on the highest-priority channel at that time.
•
Once a transfer starts on one channel, requests to other channels in the same group are held
pending until that channel releases the bus.
•
After each transfer in short address mode, and each externally-requested or cycle-steal
transfer in normal mode, the DMAC releases the bus and returns to step 1. After releasing the
bus, if there is a transfer request for another channel in the same group, the DMAC requests
the bus again.
•
After completion of a burst-mode transfer, or after transfer of one block in block transfer
mode, the DMAC releases the bus and returns to step 1. If there is a transfer request for a
higher-priority channel or a bus request from a higher-priority bus master, however, the
DMAC releases the bus after completing the transfer of the current byte or word. After
releasing the bus, if there is a transfer request for another channel in the same group, the
DMAC requests the bus again.
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com