Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 240Page - Renesas Technology Corp H8/3003 Datasheet HTML 241Page - Renesas Technology Corp H8/3003 Datasheet HTML 242Page - Renesas Technology Corp H8/3003 Datasheet HTML 243Page - Renesas Technology Corp H8/3003 Datasheet HTML 244Page - Renesas Technology Corp H8/3003 Datasheet HTML 245Page - Renesas Technology Corp H8/3003 Datasheet HTML 246Page - Renesas Technology Corp H8/3003 Datasheet HTML 247Page - Renesas Technology Corp H8/3003 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 715 page
background image
8.4.11 NMI Interrupts and DMAC
NMI interrupts do not affect DMAC operations in short address mode.
If an NMI interrupt occurs during a transfer in full address mode, the DMAC suspends operations.
In full address mode, a channel is enabled when its DTE and DTME bits are both set to 1. NMI
input clears the DTME bit to 0. After transferring the current byte or word, the DMAC releases
the bus to the CPU. In normal mode, the suspended transfer resumes when the CPU sets the
DTME bit to 1 again. Check that the DTE bit is set to 1 and the DTME bit is cleared to 0 before
setting the DTME bit to 1.
Figure 8-22 shows the procedure for resuming a DMA transfer in normal mode on channel 0 after
the transfer was halted by NMI input.
Figure 8-22 Procedure for Resuming a DMA Transfer Halted by NMI (Example)
For information about NMI interrupts in block transfer mode, see section 8.6.6, NMI Interrupts
and Block Transfer Mode.
Resuming DMA transfer
in normal mode
DTE = 1
DTME = 0
Set DTME to 1
DMA transfer continues
End
1.
2.
Check that DTE = 1 and DTME = 0.
Read DTCRB while DTME = 0,
then write 1 in the DTME bit.
2
No
Yes
226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com