Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 244Page - Renesas Technology Corp H8/3003 Datasheet HTML 245Page - Renesas Technology Corp H8/3003 Datasheet HTML 246Page - Renesas Technology Corp H8/3003 Datasheet HTML 247Page - Renesas Technology Corp H8/3003 Datasheet HTML 248Page - Renesas Technology Corp H8/3003 Datasheet HTML 249Page - Renesas Technology Corp H8/3003 Datasheet HTML 250Page - Renesas Technology Corp H8/3003 Datasheet HTML 251Page - Renesas Technology Corp H8/3003 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 715 page
background image
8.5 Interrupts
The DMAC generates only DMA-end interrupts. Table 8-13 lists the interrupts and their priority.
Table 8-13 DMAC Interrupts
Description
Group
Interrupt
Short Address Mode
Full Address Mode
Interrupt Priority
0
DEND0A
End of transfer on channel 0A
End of transfer on
High
channel 0
DEND0B
End of transfer on channel 0B
—
DEND1A
End of transfer on channel 1A
End of transfer on
channel 1
DEND1B
End of transfer on channel 1B
—
1
DEND2A
End of transfer on channel 2A
End of transfer on
channel 2
DEND2B
End of transfer on channel 2B
—
DEND3A
End of transfer on channel 3A
End of transfer on
channel 3
DEND3B
End of transfer on channel 3B
—
Low
Each interrupt is enabled or disabled by the DTIE bit in the corresponding data transfer control
register (DTCR). Separate interrupt signals are sent to the interrupt controller.
The interrupt priority order among channels is channel 0 > channel 1 > channel 2 > channel 3, and
channel A > channel B. The interrupt priority order between groups can be modified in interrupt
priority register B (IPRB).
Figure 8-26 shows the DMA-end interrupt logic. An interrupt is requested whenever DTE = 0 and
DTIE = 1.
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com