Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 251 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 251 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 247Page - Renesas Technology Corp H8/3003 Datasheet HTML 248Page - Renesas Technology Corp H8/3003 Datasheet HTML 249Page - Renesas Technology Corp H8/3003 Datasheet HTML 250Page - Renesas Technology Corp H8/3003 Datasheet HTML 251Page - Renesas Technology Corp H8/3003 Datasheet HTML 252Page - Renesas Technology Corp H8/3003 Datasheet HTML 253Page - Renesas Technology Corp H8/3003 Datasheet HTML 254Page - Renesas Technology Corp H8/3003 Datasheet HTML 255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 715 page
background image
8.6.5 Note on Activating DMAC by Internal Interrupts
When using an internal interrupt to activate the DMAC, make sure that the interrupt selected as
the activating source does not occur during the interval after it has been selected but before the
DMAC has been enabled. The on-chip supporting module that will generate the interrupt should
not be activated until the DMAC has been enabled. If the DMAC must be enabled while the on-
chip supporting module is active, follow the procedure in figure 8-27.
Figure 8-27 Procedure for Enabling DMAC while On-Chip Supporting
Module is Operating (Example)
If the DTE bit is set to 1 but the DTME bit is cleared to 0, the DMAC is halted and the selected
activating source cannot generate a CPU interrupt. If the DMAC is halted by an NMI interrupt, for
example, the selected activating source cannot generate CPU interrupts. To terminate DMAC
operations in this state, clear the DTE bit to 0 to allow CPU interrupts to be requested. To continue
DMAC operations, carry out steps 2 and 4 in figure 8-27 before and after setting the DTME bit
to 1.
Enabling of DMAC
Selected interrupt
requested?
Interrupt hand-
ling by CPU
Clear selected interrupt’s
enable bit to 0
Enable DMAC
Set selected interrupt’s
enable bit to 1
1
2
3
4
1.
2.
3.
4.
While the DTE bit is cleared to 0,
interrupt requests are sent to the
CPU.
Clear the interrupt enable bit to 0
in the interrupt-generating on-chip
supporting module.
Enable the DMAC.
Enable the DMAC-activating
interrupt.
DMAC operates
Yes
No
233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com