Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 251Page - Renesas Technology Corp H8/3003 Datasheet HTML 252Page - Renesas Technology Corp H8/3003 Datasheet HTML 253Page - Renesas Technology Corp H8/3003 Datasheet HTML 254Page - Renesas Technology Corp H8/3003 Datasheet HTML 255Page - Renesas Technology Corp H8/3003 Datasheet HTML 256Page - Renesas Technology Corp H8/3003 Datasheet HTML 257Page - Renesas Technology Corp H8/3003 Datasheet HTML 258Page - Renesas Technology Corp H8/3003 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 715 page
background image
Section 9 I/O Ports
9.1 Overview
The H8/3003 has eight input/output ports (ports 4, 5, 6, 8, 9, A, B, and C) and one input port
(port 7). Table 9-1 summarizes the port functions. The pins in each port are multiplexed as shown
in table 9-1.
Each port has a data direction register (DDR) for selecting input or output, and a data register
(DR) for storing output data. In addition to their DDR and DR, ports 4 and 5 have an input pull-up
control register (PCR) for switching input pull-up transistors on and off.
Ports 4, 5, 6, 8, and C can drive one TTL load and a 90-pF capacitive load. Ports 9, A, and B can
drive one TTL load and a 30-pF capacitive load. Ports 4 to 6 and 8 to C can drive a Darlington
pair. Ports 5 and B can drive LEDs (with 10-mA current sink). Ports P82 to P80, PA7 to PA0, and
PB3 to PB0 have Schmitt-trigger input circuits.
For block diagrams of the ports see appendix C, I/O Port Block Diagrams.
237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com