Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 249Page - Renesas Technology Corp H8/3003 Datasheet HTML 250Page - Renesas Technology Corp H8/3003 Datasheet HTML 251Page - Renesas Technology Corp H8/3003 Datasheet HTML 252Page - Renesas Technology Corp H8/3003 Datasheet HTML 253Page - Renesas Technology Corp H8/3003 Datasheet HTML 254Page - Renesas Technology Corp H8/3003 Datasheet HTML 255Page - Renesas Technology Corp H8/3003 Datasheet HTML 256Page - Renesas Technology Corp H8/3003 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 715 page
background image
Table 8-14 Address Ranges Specifiable in MAR and IOAR
1-Mbyte Mode
16-Mbyte Mode
MAR
H'00000 to H'FFFFF
H'000000 to H'FFFFFF
(0 to 1048575)
(0 to 16777215)
IOAR
H'FFF00 to H'FFFFF
H'FFFF00 to H'FFFFFF
(1048320 to 1048575)
(16776960 to 16777215)
MAR bits 23 to 20 are ignored in 1-Mbyte mode.
8.6.8 Bus Cycle when Transfer is Aborted
When a transfer is aborted by clearing the DTE bit or suspended by an NMI that clears the DTME
bit, if this halts a channel for which the DMAC has a transfer request pending internally, a dead
cycle occurs. This dead cycle does not update the halted channel’s address register or counter
value. Figure 8-28 shows an example in which an auto-requested transfer in cycle-steal mode on
channel 0 is aborted by clearing the DTE bit in channel 0.
Figure 8-28 Bus Timing at Abort of DMA Transfer in Cycle-Steal Mode
ø
Address bus
RD
GW, LWR
CPU cycle
DMAC cycle
CPU cycle
DMAC
cycle
CPU cycle
DTE bit is
cleared
T1
T2
Td
T1
T2
T1
T2
T1
T2
T3
Td
Td
T1
T2
235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com