Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3003 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 252Page - Renesas Technology Corp H8/3003 Datasheet HTML 253Page - Renesas Technology Corp H8/3003 Datasheet HTML 254Page - Renesas Technology Corp H8/3003 Datasheet HTML 255Page - Renesas Technology Corp H8/3003 Datasheet HTML 256Page - Renesas Technology Corp H8/3003 Datasheet HTML 257Page - Renesas Technology Corp H8/3003 Datasheet HTML 258Page - Renesas Technology Corp H8/3003 Datasheet HTML 259Page - Renesas Technology Corp H8/3003 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 715 page
background image
Table 9-1 Port Functions
Port
Description
Pins
Mode 1
Mode 2
Mode 3
Mode 4
Port 4
8-bit I/O port
P47 to P40/D7 to D0
Data bus (D7 to D0) and 8-bit generic
Input pull-up
input/output
8-bit bus mode: generic input/output
16-bit bus mode: data bus
Port 5
4-bit I/O port
P57 to P54/A23 to A20
Generic input/
Address output
Input pull-up
output
Can drive LEDs
Port 6
3-bit I/O port
P62/BACK
Bus control signal input/output (
BACK,
P61/BREQ
BREQ, WAIT) and 3-bit generic
P60/WAIT
input/output
Port 7
8-bit input port
P77 to P70/AN7 to AN0
Analog input (AN7 to AN0) to A/D
converter, and 8-bit generic input
Port 8
P84/CS0
DDR = 0: generic input
DDR = 1 (reset value): CS0 output
P83/CS1/IRQ3
IRQ3 to IRQ1 input, CS1 to CS3 output,
P82/CS2/IRQ2
and generic input
P81/CS3/IRQ1
DDR = 0 (reset value): generic input
DDR = 1: CS1 to CS3 output
P80/RFSH/IRQ0
IRQ0 input, RFSH output, and generic
input/output
Port 9
6-bit I/O port
P95/SCK1/IRQ5
Input and output (SCK1, SCK0, RxD1,
P94/SCK0/IRQ4
RxD0, TxD1, TxD0) for serial
P93/RxD1
communication interfaces 1 and 0
P92/RxD0
(SCI1/0), IRQ5 and IRQ4 input, and
P91/TxD1
6-bit generic input/output
P90/TxD0
5-bit I/O port
P82 to P80 have
Schmitt inputs
238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com